products and specifications are subject to change without notic e. please ask for the latest product standards to guarantee the satisfaction of your product requirements. ? overview ? features ? applications ? specifications bluetooth ? baseband lsi MN102H9200 MN102H9200 is a baseband lsi for bluetooth ? and is implemented in cmos technology. incorporates 16-bit cpu and abundant peripheral functions such as high- speed uart. when used with protocol software and rf transceiver (an27500a) or rf module (un0361b), it provides a fully compliant bluetooth ? system for data and voice communications. ? low power consumption 25 ma (approx.) in dh5 transfer mode ? built-in codec for voice ? built-in ad/da for voice ? bluetooth ? specification v1.1 compliant mobile phones, pdas, pcs new new publication, effective from 02 aug. 2002 m00553ae unit : mm mlga152-c-0909 152-pin csp (9 mm square) package internal core : 1.8 v io/analog : 3.0 v power supply voltage system clock 13 mhz slow clock 76.8 khz clock frequency 8-bit a/d for rssi 8-bit 2 general-purpose d/a 8-bit, fs = 64 khz a/d d/a for voice cvsd, a-law, -law voice format high speed uart ( 921.6 kbps max ) host if 24-bit address bus, 16-bit data bus external rom/ram 102h (16-bit cpu) built-in cpu contents item MN102H9200 4-( 1.05) 7.80 7.00 max 7.00 max 7.80 0.65 0.05 max 1.00 max 0.325 0.325 n m l j h g 13 12 11 k f e d c 10 9 8 a b 1 2 3 4 5 6 7 9.00 0.15 0.40 0.10 0.6 0.20 0.6 0.20 9.00 0.15 m 0.15 0.05 1 kotari-yakemachi, nagaokakyo, kyoto 617-8520, japan tel. +81-75-951-8151 http://www.panasonic.co.jp/semicon/
? block diagram host r f i f bb core gpio int timer ad da external memory if sound codec rssi fifo (64b) da sound filter cpu (mn102h) rf data transmission accelerator between stacks pcm if high speed uart mn102h8600 flash rom /sram side tone
|